Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74FR16540 Datasheet(Fiches technique) 4 Page - Fairchild Semiconductor

Numéro de pièce 74FR16540
Description  16-Bit Buffer/Line Driver with 3-STATE Outputs
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR16540 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR16540 Datenblatt HTML 1Page - Fairchild Semiconductor 74FR16540 Datenblatt HTML 2Page - Fairchild Semiconductor 74FR16540 Datenblatt HTML 3Page - Fairchild Semiconductor 74FR16540 Datasheet HTML 4Page - Fairchild Semiconductor 74FR16540 Datenblatt HTML 5Page - Fairchild Semiconductor 74FR16540 Datenblatt HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Extended AC Characteristics
Note 3: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH, (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH, (tOST). Specifications guaran-
teed with all outputs switching in phase. This specification is guaranteed but not tested.
Note 4: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 5: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.0
2.8
4.3
1.0
4.3
ns
tPHL
In to On
1.0
2.0
4.3
1.0
4.3
tPZH
Output Enable Time
3.4
5.6
11.6
3.4
11.6
ns
tPZL
3.4
7.8
11.6
3.4
11.6
tPHZ
Output Disable Time
1.8
4.0
6.6
1.8
6.6
ns
tPLZ
1.8
4.4
6.6
1.8
6.6
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
16 Outputs Switching
(Note 4)
(Note 5)
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
6.0
3.2
8.2
ns
tPHL
In to On
1.06.0
3.28.2
tPZH
Output Enable Time
3.4
14.5
ns
tPZL
3.4
14.5
tPHZ
Output Disable Time
1.8
6.6
ns
tPLZ
1.8
6.6
tOSHL
Pin-to-Pin Skew
1.4
ns
(Note 3)
for HL Transitions
tOSLH
Pin-to-Pin Skew
1.6
ns
(Note 3)
for LH Transitions
tOST
Pin-to-Pin Skew
3.0
ns
(Note 3)
for HL/LH Transitions


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn