Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74F74 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74F74
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F74 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74F74 Datasheet HTML 1Page - Fairchild Semiconductor 74F74 Datasheet HTML 2Page - Fairchild Semiconductor 74F74 Datasheet HTML 3Page - Fairchild Semiconductor 74F74 Datasheet HTML 4Page - Fairchild Semiconductor 74F74 Datasheet HTML 5Page - Fairchild Semiconductor 74F74 Datasheet HTML 6Page - Fairchild Semiconductor 74F74 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (D, CP)
−1.8
VIN = 0.5V (CD, SD)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICC
Power Supply Current
10.5
16.0
mA
Max


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
54AC74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More National Semiconductor (TI)
74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
HD74AC74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Hitachi Semiconductor
74ACTQ74 Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
54F74DM Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More National Semiconductor (TI)
74AC74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
MC74AC74 DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP 1  2  3  4  5  More Motorola, Inc
74LVQ74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn