Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F573SC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F573SC
Description  Octal D-Type Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F573SC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F573SC Datasheet HTML 1Page - Fairchild Semiconductor 74F573SC Datasheet HTML 2Page - Fairchild Semiconductor 74F573SC Datasheet HTML 3Page - Fairchild Semiconductor 74F573SC Datasheet HTML 4Page - Fairchild Semiconductor 74F573SC Datasheet HTML 5Page - Fairchild Semiconductor 74F573SC Datasheet HTML 6Page - Fairchild Semiconductor 74F573SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
5.3
7.0
3.0
9.0
3.0
8.0
ns
tPHL
Dn to On
2.03.7
6.02.0
7.02.0
6.5
tPLH
Propagation Delay
5.0
9.0
11.0
5.0
13.5
5.0
12.0
ns
tPHL
LE to On
3.05.2
7.03.0
7.53.0
7.0
tPZH
Output Enable Time
2.0
5.0
8.0
2.0
10.0
2.0
9.0
ns
tPZL
2.0
5.6
8.5
2.0
10.0
2.0
9.5
tPHZ
Output Disable Time
1.5
4.5
5.5
1.5
7.0
1.5
6.5
tPLZ
1.53.8
5.51.5
5.51.5
5.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.0
2.0
ns
tS(L)
Dn to LE
2.0
2.0
2.0
tH(H)
Hold Time, HIGH or LOW
3.0
3.0
3.0
tH(L)
Dn to LE
3.5
4.0
3.5
tW(H)
LE Pulse Width, HIGH
4.0
4.0
4.0
ns


Numéro de pièce similaire - 74F573SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F573SC NSC-74F573SC Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F573SC FAIRCHILD-74F573SC Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
National Semiconductor ...
74F573SCQB NSC-74F573SCQB Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
74F573SCX NSC-74F573SCX Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
More results

Description similaire - 74F573SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com