Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F524PC Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74F524PC
Description  8-Bit Registered Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F524PC Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  74F524PC Datasheet HTML 1Page - Fairchild Semiconductor 74F524PC Datasheet HTML 2Page - Fairchild Semiconductor 74F524PC Datasheet HTML 3Page - Fairchild Semiconductor 74F524PC Datasheet HTML 4Page - Fairchild Semiconductor 74F524PC Datasheet HTML 5Page - Fairchild Semiconductor 74F524PC Datasheet HTML 6Page - Fairchild Semiconductor 74F524PC Datasheet HTML 7Page - Fairchild Semiconductor 74F524PC Datasheet HTML 8Page - Fairchild Semiconductor 74F524PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
6.0
6.0
tS(L)
I/On to CP
6.0
6.0
ns
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
I/On to CP
0
0
tS(H)
Setup Time, HIGH or LOW
10.0
10.0
tS(L)
S0 or S1 to CP
10.0
10.0
ns
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
S0 or S1 to CP
0
0
tS(H)
Setup Time, HIGH or LOW
7.0
7.0
tS(L)
C/SI to CP
7.0
7.0
ns
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
C/SI to CP
0
0
tW(H)
Clock Pulse Width, HIGH
5.0
5.0
ns


Numéro de pièce similaire - 74F524PC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F524 PHILIPS-74F524 Datasheet
131Kb / 14P
   8-bit register comparator open-collector 3-State
1990 Aug 07
More results

Description similaire - 74F524PC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com