Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL001-500BEZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADXL001-500BEZ
Description  High Performance, Wide Bandwidth Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL001-500BEZ Fiches technique(HTML) 3 Page - Analog Devices

  ADXL001-500BEZ Datasheet HTML 1Page - Analog Devices ADXL001-500BEZ Datasheet HTML 2Page - Analog Devices ADXL001-500BEZ Datasheet HTML 3Page - Analog Devices ADXL001-500BEZ Datasheet HTML 4Page - Analog Devices ADXL001-500BEZ Datasheet HTML 5Page - Analog Devices ADXL001-500BEZ Datasheet HTML 6Page - Analog Devices ADXL001-500BEZ Datasheet HTML 7Page - Analog Devices ADXL001-500BEZ Datasheet HTML 8Page - Analog Devices ADXL001-500BEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADXL001
Rev. A | Page 3 of 16
SPECIFICATIONS
SPECIFICATIONS FOR 3.3 V OPERATION
TA = −40°C to +125°C, VS = 3.3 V ± 5% dc, acceleration = 0 g, unless otherwise noted.
Table 1.
ADXL001-70
ADXL001-250
ADXL001-500
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Nonlinearity
0.2
2
0.2
2
0.2
2
%
Cross-Axis Sensitivity
Includes package
alignment
2
2
2
%
Resonant Frequency
22
22
22
kHz
Quality Factor
2.5
2.5
2.5
SENSITIVITY
Full-Scale Range
IOUT ≤ ±100 μA
−70
+70
−250
+250
−500
+500
g
Sensitivity
100 Hz
16.0
4.4
2.2
mV/g
OFFSET
Ratiometric
Zero-g Output
1.35
1.65
1.95
1.35
1.65
1.95
1.35
1.65
1.95
V
NOISE
Noise
10 Hz to 400 Hz
85
95
105
mg rms
Noise Density
10 Hz to 400 Hz
3.3
3.65
4.25
mg/√Hz
FREQUENCY RESPONSE
−3 dB Frequency
32
32
32
kHz
−3 dB Frequency Drift
Over Temperature
2
2
2
%
SELF-TEST
Output Voltage Change
400
125
62
mV
Logic Input High
2.1
2.1
2.1
V
Logic Input Low
0.66
0.66
0.66
V
Input Resistance
To ground
30
50
30
50
30
50
OUTPUT AMPLIFIER
Output Swing
IOUT = ±100 μA
0.2
VS − 0.2
0.2
VS − 0.2
0.2
VS − 0.2
V
Capacitive Load
1000
1000
1000
pF
PSRR (CFSR)
DC to 1 MHz
0.9
0.9
0.9
V/V
POWER SUPPLY (VS)
Functional Range
3.135
6
3.135
6
3.135
6
V
ISUPPLY
2.5
5
2.5
5
2.5
5
mA
Turn-On Time
10
10
10
ms


Numéro de pièce similaire - ADXL001-500BEZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL001-500 AD-ADXL001-500 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
More results

Description similaire - ADXL001-500BEZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com