Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL001-250BEZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADXL001-250BEZ
Description  High Performance, Wide Bandwidth Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL001-250BEZ Fiches technique(HTML) 2 Page - Analog Devices

  ADXL001-250BEZ Datasheet HTML 1Page - Analog Devices ADXL001-250BEZ Datasheet HTML 2Page - Analog Devices ADXL001-250BEZ Datasheet HTML 3Page - Analog Devices ADXL001-250BEZ Datasheet HTML 4Page - Analog Devices ADXL001-250BEZ Datasheet HTML 5Page - Analog Devices ADXL001-250BEZ Datasheet HTML 6Page - Analog Devices ADXL001-250BEZ Datasheet HTML 7Page - Analog Devices ADXL001-250BEZ Datasheet HTML 8Page - Analog Devices ADXL001-250BEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADXL001
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Specifications for 3.3 V Operation............................................. 3
 
Specifications for 5 V Operation ................................................ 4
 
Recommended Soldering Profile ............................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 11
 
Design Principles........................................................................ 11
 
Mechanical Sensor ..................................................................... 11
 
Applications Information .............................................................. 12
 
Application Circuit..................................................................... 12
 
Self-Test ....................................................................................... 12
 
Acceleration Sensitive Axis ....................................................... 12
 
Operating Voltages Other Than 5 V........................................ 12
 
Layout, Grounding, and Bypassing Considerations .................. 13
 
Clock Frequency Supply Response .......................................... 13
 
Power Supply Decoupling ......................................................... 13
 
Electromagnetic Interference ................................................... 13
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
2/10—Rev. 0 to Rev. A
Added -250 and -500 models............................................Universal
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Added Figure 9 through Figure 18 ................................................. 8
Changes to Ordering Guide .......................................................... 14
1/09—Revision 0: Initial Version


Numéro de pièce similaire - ADXL001-250BEZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL001-250 AD-ADXL001-250 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
More results

Description similaire - ADXL001-250BEZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com