Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F413PC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F413PC
Description  64 x 4 First-In First-Out Buffer Memory with Parallel I/O
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F413PC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F413PC Datasheet HTML 1Page - Fairchild Semiconductor 74F413PC Datasheet HTML 2Page - Fairchild Semiconductor 74F413PC Datasheet HTML 3Page - Fairchild Semiconductor 74F413PC Datasheet HTML 4Page - Fairchild Semiconductor 74F413PC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0° to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Shift In Rate
10
8.0
10
MHz
fMAX
Shift Out Rate
10
8.0
10
MHz
tPLH
Propagation Delay
1.5
44.0
1.5
50.0
1.5
48.0
ns
tPHL
Shift In to IR
1.5
31.0
1.5
37.0
1.5
35.0
tPLH
Propagation Delay
1.5
52.0
1.5
57.0
1.5
55.0
ns
tPHL
Shift Out to OR
1.5
31.0
1.5
37.0
1.5
35.0
tPLH
Propagation Delay
1.5
46.0
1.5
52.0
1.5
50.0
ns
tPHL
Output Data Delay
1.5
34.0
1.5
39.0
1.5
37.0
tPLH
Propagation Delay
1.5
27.0
1.5
33.0
1.5
31.0
ns
Master Reset to IR
tPLH
Propagation Delay
1.5
30.0
1.5
34.0
1.5
32.0
ns
Master Reset to OR
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0° to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
1.0
1.0
1.0
ns
tS(L)
Dn to SI
1.0
1.0
1.0
tH(H)
Hold Time, HIGH or LOW
10.0
10.0
10.0
tH(L)
Dn to SI
10.0
10.0
10.0
tW(H)
Shift In Pulse Width
5.0
5.0
5.0
ns
tW(L)
HIGH or LOW
10.0
10.0
10.0
tW(H)
Shift Out Pulse Width
7.5
8.5
7.5
tW(L)
HIGH or LOW
10.0
10.0
10.0
tW(H)
Input Ready Pulse Width,
7.5
8.5
7.5
ns
HIGH
tW(L)
Output Ready Pulse Width,
5.0
5.0
5.0
ns
LOW
tW(L)
Master Reset Pulse Width,
10.0
10.0
10.0
ns
LOW
tREC
Recovery Time, MR to SI
32.0
35.0
35.0
ns
tPT
Data Throughput Time
0.9
1.0
1.0
µs


Numéro de pièce similaire - 74F413PC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F413PC NSC-74F413PC Datasheet
113Kb / 6P
   64 x 4 First-In First-Out Buffer Memory with Parallel I/O
More results

Description similaire - 74F413PC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F413DM NSC-54F413DM Datasheet
113Kb / 6P
   64 x 4 First-In First-Out Buffer Memory with Parallel I/O
logo
Texas Instruments
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
   64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com