Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F403A Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74F403A
Description  First-In First-Out (FIFO) Buffer Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F403A Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74F403A Datasheet HTML 1Page - Fairchild Semiconductor 74F403A Datasheet HTML 2Page - Fairchild Semiconductor 74F403A Datasheet HTML 3Page - Fairchild Semiconductor 74F403A Datasheet HTML 4Page - Fairchild Semiconductor 74F403A Datasheet HTML 5Page - Fairchild Semiconductor 74F403A Datasheet HTML 6Page - Fairchild Semiconductor 74F403A Datasheet HTML 7Page - Fairchild Semiconductor 74F403A Datasheet HTML 8Page - Fairchild Semiconductor 74F403A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
www.fairchildsemi.com
EXPANSION
Vertical Expansion— The 74F403A may be vertically
expanded to store more words without external parts. The
interconnection is necessary to form a 46-word by 4-bit
FIFO are shown in Figure 4. Using the same technique,
and FIFO of (15n
+ 1)-words by 4-bits can be constructed,
where n is the number of devices. Note that expansion
does not sacrifice any of the 74F403A’s flexibility for serial/
parallel input and output.
FIGURE 4. A Vertical Expansion Scheme
Horizontal and Vertical Expansion— The 74F403A can
be expanded in both the horizontal and vertical directions
without any external parts and without sacrificing any of its
FIFO’s flexibility for serial/parallel input and output. The
interconnections necessary to form a 31-word by 16-bit
FIFO are shown in Figure 6. Using the same technique,
any FIFO of (15m
+ 1)-words by (4n)-bits can be con-
structed, where m is the number of devices in a column
and n is the number of devices in a row. Figure 7 and Fig-
ure 8 show the timing diagrams for serial data entry and
extraction for the 31-word by 16-bit FIFO shown in Figure
6. The final position of data after serial insertion of 496 bits
into the FIFO array of Figure 6 is shown in Figure 9.
Interlocking Circuitry— Most conventional FIFO designs
provide status signals analogous to IRF and ORE. How-
ever, when these devices are operated in arrays, variations
in unit to unit operating speed require external gating to
assure all devices have completed an operation. The
74F403A incorporates simple but effective “master/slave”
interlocking circuitry to eliminate the need for external gat-
ing.
In the 74F403A array of Figure 6 devices 1 and 5 are
defined as “row masters” and the other devices are slaves
to the master in their row. No slave in a given row will initial-
ize its Input Register until it has received LOW on its IES
input from a row master or a slave of higher priority.
In a similar fashion, the ORE outputs of slaves will not go
HIGH until their OES inputs have gone HIGH.This inter-
locking scheme ensures that new input data may be
accepted by the array when the IRF output of the final
slave in that row goes HIGH and that output data for the
array may be extracted when the ORE of the final slave in
the output row goes HIGH.
The row master is established by connecting its IES input
to ground while a slave receives its IES input from the IRF
output of the next higher priority device. When an array of
74F403A FIFOs is initialized with a LOW on the MR inputs
of all devices, the IRF outputs of all devices will be HIGH.
Thus, only the row master receives a LOW on the IES input
during initialization. Figure 10 is a conceptual logic diagram
of the internal circuitry which determines master/slave
operation. Whenever MR and IES are LOW, the Master
Latch is set. Whenever TTS goes LOW the Request Initial-
ization Flip-Flop will be set. If the Master Latch is HIGH, the
Input Register will be immediately initialized and the
Request Initialization Flip-Flop reset. If the Master Latch is
reset, the Input Register is not initialized until IES goes
LOW. In array operation, activating the TTS initiates a rip-
ple input register initialization from the row master to the
last slave.
A similar operation takes place for the output register.
Either a TOS or TOP input initiates a load-from-stack oper-
ation and sets the ORE Request Flip-Flop. If the Master
Latch is set, the last Output Register Flip-Flop is set and
ORE goes HIGH. If the Master Latch is reset, the ORE out-
put will be LOW until an OES input is received.


Numéro de pièce similaire - 74F403A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
   Dual 4-input NAND buffer
April 11, 1989
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Description similaire - 74F403A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com