Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F245SC Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F245SC
Description  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245SC Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F245SC Datasheet HTML 1Page - Fairchild Semiconductor 74F245SC Datasheet HTML 2Page - Fairchild Semiconductor 74F245SC Datasheet HTML 3Page - Fairchild Semiconductor 74F245SC Datasheet HTML 4Page - Fairchild Semiconductor 74F245SC Datasheet HTML 5Page - Fairchild Semiconductor 74F245SC Datasheet HTML 6Page - Fairchild Semiconductor 74F245SC Datasheet HTML 7Page - Fairchild Semiconductor 74F245SC Datasheet HTML 8Page - Fairchild Semiconductor 74F245SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagram
Unit Loading/Fan Out
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
OE
Output Enable Input (Active LOW)
1.0/2.0
20
PA/1.2 mA
T/R
Transmit/Receive Input
1.0/2.0
20
PA/1.2 mA
A0–A7
Side A Inputs or
3.5/1.083
70
PA/0.65 mA
3-STATE Outputs
150/40(38.3)
3 mA/24 mA (20 mA)
B0–B7
Side B Inputs or
3.5/1.083
70
PA/0.65 mA
3-STATE Outputs
600/106.6(80)
12 mA/64 mA (48 mA)
Inputs
Output
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State


Numéro de pièce similaire - 74F245SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F245SC NSC-74F245SC Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F245SC FAIRCHILD-74F245SC Datasheet
406Kb / 11P
   74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
74F245SCX FAIRCHILD-74F245SCX Datasheet
406Kb / 11P
   74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
More results

Description similaire - 74F245SC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com