Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F193SC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F193SC
Description  Up/Down Binary Counter with Separate Up/Down Clocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F193SC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F193SC Datasheet HTML 1Page - Fairchild Semiconductor 74F193SC Datasheet HTML 2Page - Fairchild Semiconductor 74F193SC Datasheet HTML 3Page - Fairchild Semiconductor 74F193SC Datasheet HTML 4Page - Fairchild Semiconductor 74F193SC Datasheet HTML 5Page - Fairchild Semiconductor 74F193SC Datasheet HTML 6Page - Fairchild Semiconductor 74F193SC Datasheet HTML 7Page - Fairchild Semiconductor 74F193SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW Voltage
10% VCC
0.5
V
Min
IOL = 20 mA
IIH
Input HIGH
5.0
Max
VIN = 2.7V
Current
IBVI
Input HIGH Current
100
µAMax
VIN = 7.0V
Breakdown Test
7.0
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (MR, PL, Pn)
−1.8
VIN = 0.5V (CPu, CPD)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICC
Power Supply Current
38
55
mA
Max


Numéro de pièce similaire - 74F193SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F193SC NSC-74F193SC Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
More results

Description similaire - 74F193SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
   54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com