Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCR162601 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74ALVCR162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVCR162601 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  74ALVCR162601 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCR162601 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCR162601 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCR162601 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCR162601 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCR162601 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD56
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Numéro de pièce similaire - 74ALVCR162601

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74ALVCR162245 STMICROELECTRONICS-74ALVCR162245 Datasheet
512Kb / 11P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74ALVCR162245TTR STMICROELECTRONICS-74ALVCR162245TTR Datasheet
512Kb / 11P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - 74ALVCR162601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162601 FAIRCHILD-74ALVC162601 Datasheet
94Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com