Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF7P03HD Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MMSF7P03HD
Description  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7P03HD Fiches technique(HTML) 1 Page - Motorola, Inc

  MMSF7P03HD Datasheet HTML 1Page - Motorola, Inc MMSF7P03HD Datasheet HTML 2Page - Motorola, Inc MMSF7P03HD Datasheet HTML 3Page - Motorola, Inc MMSF7P03HD Datasheet HTML 4Page - Motorola, Inc MMSF7P03HD Datasheet HTML 5Page - Motorola, Inc MMSF7P03HD Datasheet HTML 6Page - Motorola, Inc MMSF7P03HD Datasheet HTML 7Page - Motorola, Inc MMSF7P03HD Datasheet HTML 8Page - Motorola, Inc MMSF7P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Single P-Channel
Field Effect Transistors
Single HDTMOS are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density TMOS process.
HDTMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives.
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
IDM
7.0
50
Adc
Apk
Source Current — Continuous @ TA = 25°C
IS
2.3
Adc
Total Power Dissipation @ TA = 25°C (1)
PD
2.5
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy – STARTING TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, VDS = 32 Vdc, IL = 10 Apk, L = 10 mH, RG = 25 W)
EAS
5000
mJ
Thermal Resistance — Junction–to–Ambient
R
θJA
50
°C/W
Maximum Temperature for Soldering
T
260
°C
DEVICE MARKING
S7P03
(1) When mounted on 1 inch square FR–4 or G–10 (VGS = 10 V @ 10 seconds)
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMSF7P03HDR2
13
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s and HDTMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MMSF7P03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
Source
Source
Source
Gate
CASE 751–05, Style 13
SO–8
1
2
3
4
8
7
6
5
Top View
Drain
Drain
Drain
Drain
D
S
G
MMSF7P03HD
SINGLE TMOS
POWER MOSFET
30 VOLTS
RDS(on) = 35 mW
Motorola Preferred Device
REV 2


Numéro de pièce similaire - MMSF7P03HD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMSF7P03HD ONSEMI-MMSF7P03HD Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2 ONSEMI-MMSF7P03HDR2 Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2G ONSEMI-MMSF7P03HDR2G Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMSF7P03HDR2G VBSEMI-MMSF7P03HDR2G Datasheet
957Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - MMSF7P03HD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com