Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC16373MTDX Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74ALVC16373MTDX
Description  Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16373MTDX Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74ALVC16373MTDX Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial (HIGH or LOW, inputs may not float)
Z
High Impedance
O0 Previous O0 before HIGH-to-LOW of Latch Enable
Pin Names
Description
OEn
Output Enable Input (Active LOW)
LEn
Latch Enable Input
I0–I15
Inputs
O0–O15
Outputs
NC
No Connect
1
234
56
A
O0
NC
OE1
LE1
NC
I0
B
O2
O1
NC
NC
I1
I2
C
O4
O3
VCC
VCC
I3
I4
D
O6
O5
GND
GND
I5
I6
E
O8
O7
GND
GND
I7
I8
F
O10
O9
GND
GND
I9
I10
G
O12
O11
VCC
VCC
I11
I12
H
O14
O13
NC
NC
I13
I14
J
O15
NC
OE2
LE2
NC
I15
Inputs
Outputs
LE1
OE1
I0–I7
O0–O7
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0
Inputs
Outputs
LE2
OE2
I8–I15
O8–O15
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0


Numéro de pièce similaire - 74ALVC16373MTDX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
More results

Description similaire - 74ALVC16373MTDX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com