Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC16373MTDX Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74ALVC16373MTDX
Description  Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16373MTDX Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  74ALVC16373MTDX Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC16373MTDX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2. Variable Matrix
(Input Characteristics: f
1MHz; tr tf 2ns; Z0 50:)
FIGURE 2. Waveform for Inverting and
Non-Inverting Functions
FIGURE 3. 3-STATE Output HIGH Enable and
Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output LOW Enable and Disable Times for Low Voltage Logic
FIGURE 5. Propagation Delay, Pulse Width and
trec Waveforms
FIGURE 6. Setup Time, Hold Time and
Recovery Time for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VL
tPZH, tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2
VX
VOL  0.3V
VOL  0.3V
VOL  0.15V
VOL  0.15V
VY
VOH  0.3V
VOH  0.3V
VOH  0.15V
VOH  0.15V
VL
6V
6V
VCC*2
VCC*2


Numéro de pièce similaire - 74ALVC16373MTDX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
More results

Description similaire - 74ALVC16373MTDX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com