Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ALVC163245 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74ALVC163245
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC163245 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74ALVC163245 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 8Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
ds500695
www.fairchildsemi.com
November 2001
Revised November 2001
74ALVC163245
Low Voltage 16-Bit Dual Supply Translating Transceiver
with 3-STATE Outputs
General Description
The ALVC163245 is a dual supply, 16-bit translating trans-
ceiver that is designed for 2 way asynchronous communi-
cation between busses at different supply voltages by
providing true signal translation. The supply rails consist of
VCCA, which is a higher potential rail operating at 2.3V to
3.6V and VCCB, which is the lower potential rail operating at
1.65V to 2.7V. (VCCB must be less than or equal to VCCA
for proper device operation). This dual supply design
allows for translation from 1.8V to 2.5V busses to busses at
a higher potential, up to 3.3V.
The Transmit/Receive (T/R) input determines the direction
of data flow. Transmit (active-HIGH) enables data from
A Ports to B Ports; Receive (active-LOW) enables data
from B Ports to A Ports. The Output Enable (OE) input,
when HIGH, disables both A and B Ports by placing them
in a High-Z condition. The A Port interfaces with the higher
voltage bus (2.7V to 3.3V); The B Port interfaces with the
lower voltage bus (1.8V to 2.5V). Also the ALVC163245 is
designed so that the control pins (T/Rn, OEn) are supplied
by VCCB.
The 74ALVC163245 is suitable for mixed voltage applica-
tions such as notebook computers using a 1.8V CPU and
3.3V peripheral components. It is fabricated with an
Advanced CMOS technology to achieve high speed opera-
tion while maintaining low CMOS power dissipation.
Features
s Bidirectional interface between busses ranging from
1.65V to 3.6V
s Supports Live Insertion and Withdrawal (Note 1)
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Functionally compatible with 74 series 16245
s Latchup conforms to JEDEC JED78
s ESD performance:
Human Body Model
>2000V
Machine model
>200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Note 1: To ensure the high impedance state during power up or power
down, OEn should be tied to VCCB through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Note 2: BGA package available in Tape and Reel only.
Note 3: Device also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Quiet Series
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVC163245GX
(Note 2)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]
74ALVC163245T
(Note 3)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74VCX163245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX164245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT162245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXL2T245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT16245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC164245 16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs 1  2  3  4  National Semiconductor (TI)
74LVX3245 8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn