Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ALVC163245 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74ALVC163245
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC163245 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74ALVC163245 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 8Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay
VCCA = 3.3 ± 0.3
1.3
4.9
ns
A to B
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
2.0
6.7
1.5
6.2
VCCB = 1.8 ± 0.15
VCCA = 2.7
2.0
6.3
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
1.5
5.8
VCCB = 1.8 ± 0.15
tPHL, tPLH
Propagation Delay
VCCA = 3.3 ± 0.3
1.1
4.5
ns
B to A
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.1
5.6
0.6
5.1
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
6.0
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
0.8
5.5
VCCB = 1.8 ± 0.15
tPZL, tPZH
Output Enable Time
VCCA = 3.3 ± 0.3
1.3
5.1
ns
OE to B
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
2.0
8.7
1.5
8.2
VCCB = 1.8 ± 0.15
VCCA = 2.7
2.0
8.8
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
1.5
8.3
VCCB = 1.8 ± 0.15
tPZL, tPZH
Output Enable Time
VCCA = 3.3 ± 0.3
1.1
4.5
ns
OE to A
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.1
5.6
0.6
5.1
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
5.8
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
0.8
5.3
VCCB = 1.8 ± 0.15
tPLZ, tPHZ
Output Disable Time
VCCA = 3.3 ± 0.3
1.3
4.9
ns
OE to B
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.3
5.0
0.8
4.5
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
5.1
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
0.8
4.6
VCCB = 1.8 ± 0.15
tPLZ, tPHZ
Output Disable Time
VCCA = 3.3 ± 0.3
1.1
5.3
ns
OE to A
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.1
6.1
0.6
5.6
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
5.7
VCCB = 1.8 ± 0.18
VCCA = 2.5 ± 0.2
0.8
5.2
VCCB = 1.8 ± 0.18


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74VCX163245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX164245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT162245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXL2T245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT16245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC164245 16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs 1  2  3  4  National Semiconductor (TI)
74LVX3245 8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn