Fabricant | No de pièce | Fiches technique | Description |
STMicroelectronics |
STY80NM60N
|
130Kb / 9P |
N-channel 600 V - 0.035 廓 - 80 A - Max247 second generation MDmesh??Power MOSFET
|
STD11NM60N
|
470Kb / 17P |
N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
|
STB12NM50N
|
510Kb / 18P |
N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
|
STF20NM65N
|
864Kb / 16P |
N-channel 650 V, 0.250 廓, 15 A TO-220, TO-220FP second generation MDmesh??Power MOSFET
May 2011 Rev 2 |
STD7NM50N
|
421Kb / 17P |
N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
|
STD9NM50N
|
491Kb / 17P |
N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
|
STD11NM60N-1
|
489Kb / 18P |
N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
|
STD6NM60N
|
619Kb / 17P |
N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
|
STP25NM60N
|
273Kb / 12P |
N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
|
STP21NM50N
|
463Kb / 18P |
N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
|