Moteur de recherche de fiches techniques de composants électroniques |
|
74ACTQ16540MTD Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
74ACTQ16540MTD Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page www.fairchildsemi.com 2 Functional Description The ACTQ16540 contains sixteen inverting buffers with 3- STATE standard outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins may be shorted together to obtain full 16-bit operation. The 3-STATE outputs are controlled by an Output Enable (OEn) input for each byte. When OEn is LOW, the outputs are in 2-state mode. When OEn is HIGH, the outputs are in the high impedance mode, but this does not interfere with entering new data into the inputs. Truth Tables H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance Logic Diagram Inputs Outputs OE1 OE2 I0–I7 O0–O7 LL H L HX X Z XHX Z LL L H Inputs Outputs OE3 OE4 I8–I15 O8–O15 LL H L HX X Z XHX Z LL L H |
Numéro de pièce similaire - 74ACTQ16540MTD |
|
Description similaire - 74ACTQ16540MTD |