Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ153SC Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74ACTQ153SC
Description  Quiet Series Dual 4-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ153SC Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ153SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 1990
Revised May 1999
© 1999 Fairchild Semiconductor Corporation
DS010244.prf
www.fairchildsemi.com
74ACTQ153
Quiet Series Dual 4-Input Multiplexer
General Description
The ACTQ153 is a high-speed dual 4-input multiplexer with
common select inputs and individual enable inputs for each
section. It can select two lines of data from four sources.
The two buffered outputs present data in the true (non-
inverted) form. In addition to multiplexer operation, the
ACTQ153 can act as a function generator and generate
any two functions of three variables.
Features
s Outputs source/sink 24 mA
s ACTQ153 has TTL-compatible inputs
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ153SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACTQ153PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
I0a - 13a
Side A Data Inputs
I0b - 13b
Side B Data Inputs
S0, S1
Common Select Inputs
Ea
Side A Enable Input
Eb
Side B Enable Input
Za
Side A Output
Zb
Side B Output


Numéro de pièce similaire - 74ACTQ153SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ153SC FAIRCHILD-74ACTQ153SC Datasheet
206Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
More results

Description similaire - 74ACTQ153SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ153 FAIRCHILD-74ACTQ153_01 Datasheet
206Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com