Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-2201 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2201 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 13 page 3 IF SHIELD VF VCC VO GND ICC IO + – 2 3 8 5 VE 7 6 IE Schematic Ordering Information HCPL-2200, HCPL-2219 are UL Recognized with 3750 Vrms for 1 minute per UL1577 and are approved under CSA Component Acceptance Notice #5, File CA 88324. Option Part RoHS non RoHS Surface Gull Tape UL 5000 Vrms/ IEC/EN/DIN Number Compliant Compliant Package Mount Wing & Reel 1 Minute rating EN 60747-5-2 Quantity -000E no option 300 mil DIP-8 50 per tube HCPL-2200 -300E -300 X X 50 per tube -500E -500 X X X 1000 per reel -000E no option 300 mil DIP-8 50 per tube -300E -300 X X 50 per tube HCPL-2219 -500E -500 X X X 1000 per reel -060E -060 X 50 per tube -360E -360 X X X 50 per tube -560E -560 X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-2219-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant. Example 2: HCPL-2200 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ |
Numéro de pièce similaire - HCPL-2201 |
|
Description similaire - HCPL-2201 |