Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2219 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-2219
Description  Low Input Current Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2219 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2219 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2219 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD.
Description
The HCPL-2200/2219 are optically coupled logic gates
that combine a GaAsP LED and an integrated high gain
photo detector. The detector has a three state output
stage and has a detector threshold with hysteresis. The
three state output eliminates the need for a pullup
resistor and allows for direct drive of data busses. The
hysteresis provides differential mode noise immunity
and eliminates the potential for output signal chatter.
A superior internal shield on the HCPL-2219 guarantees
common mode transient immunity of 2.5 kV/
µs at a
common mode voltage of 400 volts.
The Electrical and Switching Characteristics of the
HCPL-2200/2219 are guaranteed over the tempera-
ture range of 0
°C to 85°C and a VCC range of 4.5 volts to
20 volts. Low IF and wide VCC range allow compatibility
with TTL, LSTTL, and CMOS logic and result in lower
power consumption compared to other high speed
optocouplers. Logic signals are transmitted with a
typical propagation delay of 160 nsec.
The HCPL-2200/2219 are useful for isolating high
speed logic interfaces, buffering of input and output
lines, and implementing isolated line receivers in
high noise environments.
Functional Diagram
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
VCC
VO
SHIELD
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
ON
OFF
ENABLE
H
H
L
L
VE
OUTPUT
Z
Z
H
L
Features
• 2.5 kV/
µs minimum Common Mode Rejection (CMR) at
VCM = 400 V (HCPL-2219)
• Compatible with LSTTL, TTL, and CMOS logic
• Wide VCC range (4.5 to 20 V)
• 2.5 Mbd guaranteed over temperature
• Low input current (1.6 mA)
• Three state output (no pullup resistor required)
• Guaranteed performance from 0
°C to 85°C
• Hysteresis
• Safety approval
– UL recognized -3750 V rms for 1 minute
– CSA approved
– IEC/EN/DIN EN 60747-5-2 approved with
VIORM = 630 V peak (HCPL-2219 Option 060 only)
• MIL-PRF-38534 hermetic version available
(HCPL-5200/1)
Applications
• Isolation of high speed logic systems
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Ground loop elimination
• Pulse transformer replacement
• Isolated buss driver
• High speed line receiver
HCPL-2200, HCPL-2219
Low Input Current Logic Gate Optocouplers
Data Sheet


Numéro de pièce similaire - HCPL-2219

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2219 HP-HCPL-2219 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2219 HP-HCPL-2219 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219 AVAGO-HCPL-2219 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-2219 BOARDCOM-HCPL-2219 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-000E AVAGO-HCPL-2219-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
More results

Description similaire - HCPL-2219

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com