Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7125BCPZ170 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7125BCPZ170
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7125BCPZ170 Fiches technique(HTML) 1 Page - Analog Devices

  ADV7125BCPZ170 Datasheet HTML 1Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 2Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 3Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 4Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 5Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 6Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 7Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 8Page - Analog Devices ADV7125BCPZ170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS, 330 MHz
Triple 8-Bit High Speed Video DAC
ADV7125
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2011 Analog Devices, Inc. All rights reserved.
FEATURES
330 MSPS throughput rate
Triple 8-bit DACs
RS-343A-/RS-170-compatible output
Complementary outputs
DAC output current range: 2.0 mA to 26.5 mA
TTL-compatible inputs
Internal Reference (1.235 V)
Single-supply +5 V/+3.3 V operation
48-lead LQFP and LFCSP packages
Low power dissipation (30 mW minimum @ 3 V)
Low power standby mode (6 mW typical @ 3 V)
Industrial temperature range (−40°C to +85°C)
Pb-free (lead-free) packages
Qualified for automotive applications
APPLICATIONS
Digital video systems
High resolution color graphics
Digital radio modulation
Image processing
Instrumentation
Video signal reconstruction
Automotive infotainment units
FUNCTIONAL BLOCK DIAGRAM
8
8
8
8
8
8
DATA
REGISTER
DAC
DAC
BLANK
SYNC
R7 TO R0
G7 TO G0
B7 TO B0
PSAVE
CLOCK
DAC
ADV7125
DATA
REGISTER
DATA
REGISTER
BLANK AND
SYNC LOGIC
POWER-DOWN
MODE
VOLTAGE
REFERENCE
CIRCUIT
IOR
IOR
IOG
IOG
IOB
VREF
RSET
VAA
COMP
GND
IOB
Figure 1.
GENERAL DESCRIPTION
The ADV7125 (ADV®) is a triple high speed, digital-to-analog
converter on a single monolithic chip. It consists of three high
speed, 8-bit video DACs with complementary outputs, a
standard TTL input interface, and a high impedance, analog
output current source.
The ADV7125 has three separate 8-bit-wide input ports. A
single +5 V/+3.3 V power supply and clock are all that are
required to make the part functional. The ADV7125 has
additional video control signals, composite SYNC and BLANK,
as well as a power save mode.
The ADV7125 is fabricated in a 5 V CMOS process. Its
monolithic CMOS construction ensures greater functionality
with lower power dissipation. The ADV7125 is available in
48-lead LQFP and 48-lead LFCSP packages.
PRODUCT HIGHLIGHTS
1.
330 MSPS (3.3 V only) throughput.
2.
Guaranteed monotonic to eight bits.
3.
Compatible with a wide variety of high resolution color
graphics systems, including RS-343A and RS-170.
ADV is a registered trademark of Analog Devices, Inc.


Numéro de pièce similaire - ADV7125BCPZ170

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results

Description similaire - ADV7125BCPZ170

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com