Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16540 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74ACT16540
Description  16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT16540 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74ACT16540 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT16540 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT16540 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT16540 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT16540 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT16540 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT16540 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
± 0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.7
4.9
7.3
2.7
7.8
ns
tPHL
Data to Output
3.0
5.1
7.3
3.0
7.8
tPZH
Output Enable
5.0
2.5
4.8
7.4
2.5
7.9
ns
tPZL
Time
2.7
5.3
8.0
2.7
8.5
tPHZ
Output Disable
5.0
2.5
5.4
8.3
2.5
8.7
ns
tPLZ
Time
2.3
5.0
7.4
2.3
7.9
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0V


Numéro de pièce similaire - 74ACT16540

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16540 TI1-74ACT16540 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540DL TI1-74ACT16540DL Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540MTD TI1-74ACT16540MTD Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540SSC TI1-74ACT16540SSC Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74ACT16540

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com