Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ACQ374PCX Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce 74ACQ374PCX
Description  Quiet Series™ Octal D-Type Flip-Flop with 3-STATE Outputs
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ374PCX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACQ374PCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 2Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 3Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 4Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 5Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 6Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 7Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 8Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010238
www.fairchildsemi.com
July 1989
Revised November 1999
74ACQ374 • 74ACTQ374
Quiet Series
 Octal D-Type Flip-Flop
with 3-STATE Outputs
General Description
The ACQ/ACTQ374 is a high-speed, low-power octal D-
type flip-flop featuring separate D-type inputs for each flip-
flop and 3-STATE outputs for bus-oriented applications. A
buffered Clock (CP) and Output Enable (OE) are common
to all flip-flops.
The ACQ/ACTQ374 utilizes FACT Quiet Series
 technol-
ogy to guarantee quiet output switching and improve
dynamic threshold performance. FACT Quiet Series fea-
tures GTO
 output control and undershoot corrector in
addition to a split ground bus for superior performance.
Features
s ICC and IOZ reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
s Buffered positive edge-triggered clock
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs source/sink 24 mA
s Faster prop delays than the standard AC/ACT374
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
FACT
, Quiet Series, FACT Quiet Series, and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACQ374SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACQ374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACQ374PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACTQ374SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ374QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide
74ACTQ374PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn