Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ACQ374PCX Datasheet(Fiches technique) 6 Page - Fairchild Semiconductor

Numéro de pièce 74ACQ374PCX
Description  Quiet Series™ Octal D-Type Flip-Flop with 3-STATE Outputs
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ374PCX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACQ374PCX Datenblatt HTML 2Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 3Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 4Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 5Page - Fairchild Semiconductor 74ACQ374PCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 7Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 8Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 9Page - Fairchild Semiconductor 74ACQ374PCX Datenblatt HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Operating Requirements for ACTQ
Note 18: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 18)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0
3.0
3.0
ns
Dn to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
Dn to CP
tH
CP Pulse Width,
5.0
2.0
4.0
4.0
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
42.0
pF
VCC = 5.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn