Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ACQ245SC Datasheet(Fiches technique) 4 Page - Fairchild Semiconductor

Numéro de pièce 74ACQ245SC
Description  Quiet Series™ Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ245SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACQ245SC Datenblatt HTML 1Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 2Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 3Page - Fairchild Semiconductor 74ACQ245SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 5Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 6Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 7Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 8Page - Fairchild Semiconductor 74ACQ245SC Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ245, 74ACTQ245 Rev. 1.4
4
DC Electrical Characteristics for ACQ
Notes:
2. All outputs loaded; thresholds on input associated with output under test.
3. Maximum test duration 2.0ms, one output loaded at a time.
4. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
5. Max number of outputs defined as (n). Data Inputs are driven 0V to 5V; one output @ GND.
6. Max number of Data Inputs (n) switching. (n–1) Inputs switching 0V to 5V (ACQ). Input-under-test switching:
5V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
3.0
IOH = –12mA
2.56
2.46
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(2)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
3.0
IOL = 12mA
0.36
0.44
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(2)
0.36
0.44
IIN
(4)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOLD
Minimum Dynamic
Output Current(3)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
(4)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
IOZT
Maximum I/O
Leakage Current
5.5
VI (OE) = VIL, VIH;
VI = VCC, GND;
VO = VCC, GND
±0.3
±3.0
µA
VOLP
Quiet Output
Maximum Dynamic VOL
5.0
Figures 1 & 2(5)
1.1
1.5
V
VOLV
Quiet Output Minimum
Dynamic VOL
5.0
Figures 1 & 2(5)
–0.6
–1.2
V
VIHD
Minimum HIGH Level
Dynamic Input Voltage
5.0
(6)
3.1
3.5
V
VILD
Maximum LOW Level
Dynamic Input Voltage
5.0
(6)
1.9
1.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn