Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT573MTCX Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74ACT573MTCX
Description  Octal Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT573MTCX Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74ACT573MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACT573MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009973
www.fairchildsemi.com
November 1988
Revised October 1999
74AC573 • 74ACT573
Octal Latch with 3-STATE Outputs
General Description
The 74AC573 and 74ACT573 are high-speed octal latches
with buffered common Latch Enable (LE) and buffered
common Output Enable (OE) inputs.
The 74AC573 and 74ACT573 are functionally identical to
the 74AC373 and 74ACT373 but with inputs and outputs
on opposite sides.
Features
s ICC and IOZ reduced by 50%
s Inputs and outputs on opposite sides of package allow-
ing easy interface with microprocessors
s Useful as input or output port for microprocessors
s Functionally identical to 74AC373 and 74ACT373
s 3-STATE outputs for bus interfacing
s Outputs source/sink 24 mA
s 74ACT573 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS--013, 0.300” Wide Body
74AC573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC573PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS--013, 0.300” Wide Body
74ACT573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT573PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Latch Outputs


Numéro de pièce similaire - 74ACT573MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT573MTC FAIRCHILD-74ACT573MTC Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
More results

Description similaire - 74ACT573MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573_07 Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com