Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT299SC Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74ACT299SC
Description  8-Input Universal Shift/Storage Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT299SC Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT299SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
r 0.3V.
Voltage Range 5.0 is 5.0V
r 0.5V.
AC Operating Requirements for AC
Note 9: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
fMAX
Maximum Input
3.3
90
124
80
MHz
Frequency
5.0
130
173
105
tPLH
Propagation Delay
3.3
8.5
14.0
20.5
7.0
22.0
ns
CP to Q0 or Q7 (Shift Left or Right)
5.0
5.5
9.5
14.0
4.5
15.0
tPHL
Propagation Delay
3.3
8.5
14.5
21.5
7.0
23.0
ns
CP to Q0 or Q7 (Shift Left or Right)
5.0
5.5
10.0
14.5
5.0
16.0
tPLH
Propagation Delay
3.3
9.0
14.5
20.5
7.5
22.5
ns
CP to I/On
5.0
6.0
10.0
14.5
5.0
16.0
tPHL
Propagation Delay
3.3
10.0
16.0
23.0
8.5
24.5
ns
CP to I/On
5.0
6.5
11.0
16.0
6.0
17.5
tPHL
Propagation Delay
3.3
9.0
15.5
22.5
7.5
25.0
ns
MR to Q0 or Q7
5.0
5.5
10.5
15.5
5.0
17.0
tPHL
Propagation Delay
3.3
9.0
15.0
21.5
7.5
24.0
ns
MR to I/On
5.0
5.5
10.0
15.0
5.0
16.5
tPZH
Output Enable Time
3.3
7.0
12.0
18.0
6.0
19.5
ns
OE to I/On
5.0
4.5
8.5
12.5
4.0
13.5
tPZL
Output Enable Time
3.3
7.0
12.5
18.0
6.0
20.5
ns
OE to I/On
5.0
5.0
8.0
12.5
4.0
14.0
tPHZ
Output Disable Time
3.3
6.5
13.0
18.5
5.5
19.5
ns
OE to I/On
5.0
3.5
9.5
14.0
3.0
15.0
tPLZ
Output Disable Time
3.3
5.5
11.5
17.0
4.5
19.0
ns
OE to I/On
5.0
3.5
8.0
12.5
2.0
13.5
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
3.0
8.0
8.5
ns
S0 or S1 to CP
5.0
2.0
5.0
5.5
tH
Hold Time, HIGH or LOW
3.3
3.0
0.5
0.5
ns
S0 or S1 to CP
5.0
1.5
1.0
1.0
tS
Setup Time, HIGH or LOW
3.3
2.0
5.5
6.0
ns
I/On to CP
5.0
1.0
3.5
4.0
tH
Hold Time, HIGH or LOW
3.3
2.0
0
0
ns
I/On to CP
5.0
1.0
1.0
1.0
tS
Setup Time, HIGH or LOW
3.3
2.5
6.5
7.0
ns
DS0 or DS7 to CP
5.0
1.5
4.0
4.5
tH
Hold Time, HIGH or LOW
3.3
2.0
0
0.5
ns
DS0 or DS7 to CP
5.0
1.0
1.0
1.0
tW
CP Pulse Width, LOW
3.3
3.5
4.5
5.0
ns
5.0
2.0
3.5
3.5
tW
MR Pulse Width, LOW
3.3
4.0
4.5
5.0
ns
5.0
2.0
3.5
3.5
tREC
Recovery Time
3.3
0
1.5
1.5
ns
MR to CP
5.0
0.5
1.5
1.5


Numéro de pièce similaire - 74ACT299SC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
74ACT299B STMICROELECTRONICS-74ACT299B Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
74ACT299M STMICROELECTRONICS-74ACT299M Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
More results

Description similaire - 74ACT299SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com