Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF3300 Fiches technique(PDF) 11 Page - Motorola, Inc

No de pièce MMSF3300
Description  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3300 Fiches technique(HTML) 11 Page - Motorola, Inc

Back Button MMSF3300 Datasheet HTML 4Page - Motorola, Inc MMSF3300 Datasheet HTML 5Page - Motorola, Inc MMSF3300 Datasheet HTML 6Page - Motorola, Inc MMSF3300 Datasheet HTML 7Page - Motorola, Inc MMSF3300 Datasheet HTML 8Page - Motorola, Inc MMSF3300 Datasheet HTML 9Page - Motorola, Inc MMSF3300 Datasheet HTML 10Page - Motorola, Inc MMSF3300 Datasheet HTML 11Page - Motorola, Inc MMSF3300 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MMSF3300
11
Motorola TMOS Power MOSFET Transistor Device Data
PACKAGE DIMENSIONS
CASE 751–06
ISSUE T
STYLE 12:
PIN 1.
SOURCE
2.
SOURCE
3.
SOURCE
4.
GATE
5.
DRAIN
6.
DRAIN
7.
DRAIN
8.
DRAIN
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Numéro de pièce similaire - MMSF3300

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
More results

Description similaire - MMSF3300

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com