Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC240-Q100 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC240-Q100
Description  Octal buffer/line driver; 3-state; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC240-Q100 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC240-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74HC_HCT240_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 30 July 2012
4 of 16
NXP Semiconductors
74HC240-Q100; 74HCT240-Q100
Octal buffer/line driver; 3-state; inverting
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
For SO20 packages: above 70
C, P
tot derates linearly with 8 mW/K.
For TSSOP20 package: above 60
C, P
tot derates linearly with 5.5 mW/K.
For DHVQFN20 packages: above 60
C, P
tot derates linearly with 4.5 mW/K.
8.
Recommended operating conditions
Table 3.
Function table[1]
Input
Output
nOE
nAn
nYn
LLH
LH
L
HX
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
35
mA
ICC
supply current
-
70
mA
IGND
ground current
70
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
[1] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74HC240-Q100
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
t/V
input transition rise and fall rate VCC = 2.0 V
-
-
625
ns/V
VCC = 4.5 V
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
ns/V
Tamb
ambient temperature
40
-
+125
C


Numéro de pièce similaire - 74HC240-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
More results

Description similaire - 74HC240-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com