Moteur de recherche de fiches techniques de composants électroniques |
|
74HC138 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
74HC138 Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 19 page 74HC_HCT138 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 27 June 2012 2 of 19 NXP Semiconductors 74HC138; 74HCT138 3-to-8 line decoder/demultiplexer; inverting 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC138N −40 °Cto+125 °C DIP16 plastic dual in-line package; 16 leads (300 mil) SOT38-4 74HCT138N 74HC138D −40 °Cto+125 °C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74 HCT138D 74HC138DB −40 °Cto+125 °C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT138DB 74HC138PW −40 °Cto+125 °C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 74HCT138PW 74HC138BQ −40 °Cto+125 °C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 × 3.5 × 0.85 mm SOT763-1 74HCT138BQ Fig 1. Logic symbol Fig 2. Functional diagram Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 7 9 10 11 12 13 14 15 A0 A1 A2 3 2 1 6 5 4 E2 E1 E3 mna370 mna372 ENABLE EXITING Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 7 9 10 11 12 13 14 15 A0 A1 A2 3-to-8 DECODER 3 2 1 6 5 4 E2 E1 E3 |
Numéro de pièce similaire - 74HC138 |
|
Description similaire - 74HC138 |