Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT175 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74ACT175
Description  Quad D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT175 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  74ACT175 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT175 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC175, 74ACT175 Rev. 1.4
7
AC Electrical Characteristics for ACT
Note:
8. Voltage Range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for ACT
Note:
9. Voltage Range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
5.0
175
236
145
MHz
tPLH
Propagation Delay,
CP to Qn or Qn
5.0
2.0
6.0
10.0
1.5
11.0
ns
tPHL
Propagation Delay,
CP to Qn or Qn
5.0
2.0
7.0
11.0
1.5
12.0
ns
tPLH
Propagation Delay,
MR to Qn
5.0
2.0
6.0
9.5
1.5
10.5
ns
tPHL
Propagation Delay,
MR to Qn
5.0
2.0
5.5
9.5
1.5
10.5
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
TA = –40°C to +85°C,
CL = 50pF
Units
CL = 50pF
Typ.
Guaranteed Minimum
tS (H)
Setup Time, Dn to CP
5.0
3.0
2.0
2.0
ns
tS (L)
3.0
2.5
2.5
tH
Hold Time, HIGH or LOW,
Dn to CP
5.0
0
1.0
1.0
ns
tW
CP Pulse Width,HIGH or LOW
5.0
4.0
3.0
3.5
ns
tW
MR Pulse Width, LOW
5.0
4.0
3.0
4.0
ns
trec
Recovery Time, MR to CP
5.0
0
0
0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
45.0
pF


Numéro de pièce similaire - 74ACT175

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ACT175 ONSEMI-74ACT175 Datasheet
178Kb / 6P
   QUAD D FLIP-FLOP WITH MASTER RESET
logo
Texas Instruments
74ACT175 TI-74ACT175 Datasheet
35Kb / 7P
[Old version datasheet]   Quad D Flip-Flop with Reset
logo
Fairchild Semiconductor
74ACT175 FAIRCHILD-74ACT175 Datasheet
317Kb / 12P
   Quad D-Type Flip-Flop
74ACT175MTC FAIRCHILD-74ACT175MTC Datasheet
317Kb / 12P
   Quad D-Type Flip-Flop
74ACT175SC FAIRCHILD-74ACT175SC Datasheet
317Kb / 12P
   Quad D-Type Flip-Flop
More results

Description similaire - 74ACT175

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com