Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT899 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74ABT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT899 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74ABT899 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
November 1992
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS011509.prf
www.fairchildsemi.com
74ABT899
9-Bit Latchable Transceiver
with Parity Generator/Checker
General Description
The ABT899 is a 9-bit to 9-bit parity transceiver with trans-
parent latches. The device can operate as a feed-through
transceiver or it can generate/check parity from the 8-bit
data busses in either direction.
The ABT899 features independent latch enables for the A-
to-B direction and the B-to-A direction, a select pin for
ODD/EVEN parity, and separate error signal output pins for
checking parity.
Features
s Latchable transceiver with output sink of 64 mA
s Option to select generate parity and check or
“feed-through” data/parity in directions A-to-B or B-to-A
s Independent latch enables for A-to-B and B-to-A
directions
s Select pin for ODD/EVEN parity
s ERRA and ERRB output pins for parity checking
s Ability to simultaneously generate and check parity
s May be used in systems applications in place of the
543 and 280
s May be used in system applications in place of the
657 and 373 (no need to change T/R to check parity)
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and
250 pF loads
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
s Disable time less than enable time to avoid bus
contention
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment
for PLCC
Pin Assignment for
SOIC and SSOP
Order Number
Package Number
Package Description
74ABT899CSC
M28B
28-Lead Small Outline Integrated Circuit (SOIC), MS-013, 0.300” Wide Body
74ABT899CMSA
MSA28
28-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74ABT899CQC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450” Square


Numéro de pièce similaire - 74ABT899

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899A PHILIPS-74ABT899A Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899D PHILIPS-74ABT899D Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899DB PHILIPS-74ABT899DB Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
More results

Description similaire - 74ABT899

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com