Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA60UA60DN Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FFA60UA60DN
Description  60 A, 600 V Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UA60DN Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FFA60UA60DN Datasheet HTML 1Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 2Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 3Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 4Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Electrical Characteristics Per leg at T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
VF1
IF = 30 A
IF = 30 A
TC = 25
oC
TC = 125
oC
-
-
-
-
2.2
2.0
V
IR1
VR = 600 V
VR = 600 V
TC = 25
oC
TC = 125
oC
-
-
-
-
100
150
µA
t
rr
Irr
Qrr
IF = 30 A, di/dt = 200 A/µs
TC = 25
oC
-
-
-
-
-
-
90
8
360
ns
A
nC
WAVL
Avalanche Energy ( L = 40 mH)
20
-
-
mJ
Test Circuit and Waveforms
Notes:
1: Pulse: Test Pulse width = 300
µs, Duty Cycle = 2%
©2009 Fairchild Semiconductor Corporation
FFA60UA60DN Rev. A


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn