Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA60UA60DN Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FFA60UA60DN
Description  60 A, 600 V Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UA60DN Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FFA60UA60DN Datasheet HTML 1Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 2Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 3Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 4Page - Fairchild Semiconductor FFA60UA60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
T
C = 75
o
C
T
C = 125
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
100
200
300
400
500
600
0.01
0.1
1
10
T
C = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
Reverse Voltage, V
R [V]
0.1
1
10
100
0
50
100
150
200
Typical Capacitance
at 0V = 205pF
Reverse Voltage, V
R
[V]
100
200
300
400
0
30
60
90
120
150
T
C = 125
o
C
I
F = 30A
T
C = 25
o
C
T
C = 75
o
C
di/dt [A/µs]
100
200
300
400
0
3
6
9
12
T
C = 75
o
C
I
F = 30A
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
10
20
30
40
50
60
Case temperature, T
C
[
o
C]
©2009 Fairchild Semiconductor Corporation
FFA60UA60DN Rev. A


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn