Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N27 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 4N27
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N27 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  4N27 Datasheet HTML 1Page - Fairchild Semiconductor 4N27 Datasheet HTML 2Page - Fairchild Semiconductor 4N27 Datasheet HTML 3Page - Fairchild Semiconductor 4N27 Datasheet HTML 4Page - Fairchild Semiconductor 4N27 Datasheet HTML 5Page - Fairchild Semiconductor 4N27 Datasheet HTML 6Page - Fairchild Semiconductor 4N27 Datasheet HTML 7Page - Fairchild Semiconductor 4N27 Datasheet HTML 8Page - Fairchild Semiconductor 4N27 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
6/15/05
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 4 of 15
© 2005 Fairchild Semiconductor Corporation
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Current Transfer Ratio,
Collector to Emitter
(IF = 10 mA, VCE = 10 V)
CTR
4N35
4N36
4N37
100
%
H11A1
50
H11A5
30
4N25
4N26
H11A2
H11A3
20
4N27
4N28
H11A4
10
(IF = 10 mA, VCE = 10 V, TA = -55°C)
4N35
4N36
4N37
40
(IF = 10 mA, VCE = 10 V, TA = +100°C)
4N35
4N36
4N37
40
Collector-Emitter
Saturation Voltage
(IC = 2 mA, IF = 50 mA)
VCE (SAT)
4N25
4N26
4N27
4N28
0.5
V
(IC = 0.5 mA, IF = 10 mA)
4N35
4N36
4N37
0.3
H11A1
H11A2
H11A3
H11A4
H11A5
0.4
AC Characteristic
(IF = 10 mA, VCC = 10 V, RL = 100Ω)
(Fig.20)
TON
4N25
4N26
4N27
4N28
H11A1
H11A2
H11A3
H11A4
H11A5
2µs
Non-Saturated
Turn-on Time
Non Saturated
Turn-on Time
(IC = 2 mA, VCC = 10 V, RL = 100Ω)
(Fig.20)
TON
4N35
4N36
4N37
210
µs


Numéro de pièce similaire - 4N27

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
4N27 MOTOROLA-4N27 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Everlight Electronics C...
4N27 EVERLIGHT-4N27 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
QT Optoelectronics
4N27 QT-4N27 Datasheet
610Kb / 5P
   GAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
4N27 FAIRCHILD-4N27 Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N27 FAIRCHILD-4N27 Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Description similaire - 4N27

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com