Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5086 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 2N5086
Description  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5086 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  2N5086 Datasheet HTML 1Page - Fairchild Semiconductor 2N5086 Datasheet HTML 2Page - Fairchild Semiconductor 2N5086 Datasheet HTML 3Page - Fairchild Semiconductor 2N5086 Datasheet HTML 4Page - Fairchild Semiconductor 2N5086 Datasheet HTML 5Page - Fairchild Semiconductor 2N5086 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B1, September 2003
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1. These ratings are based on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
-50
V
VCBO
Collector-Base Voltage
-50
V
VEBO
Emitter-Base Voltage
-3.0
V
IC
Collector current
- Continuous
-100
mA
TJ, Tstg
Junction and Storage Temperature
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = -1.0mA, IB = 0
-50
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = -100µA, IE = 0
-50
V
ICEO
Collector Cutoff Current
VCB = -10V, IE = 0
VCB = -35V, IE = 0
-10
-50
nA
nA
ICBO
Emitter Cutoff Current
VEB = -3.0V, IC = 0
-50
nA
On Characteristics
hFE
DC Current Gain
IC = -100µA, VCE = -5.0V
IC = -1.0mA, VCE = -5.0V
IC = -10mA, VCE = -5.0V
5086
5087
5086
5087
5086
5087
150
250
150
250
150
250
500
800
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -10mA, IB = -1.0mA
-0.3
V
VBE(on)
Base-Emitter On Voltage
IC = -1.0mA, VCE = -5.0V
-0.85
V
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = -500µA, VCE = -5.0V, f = 20MHz
40
MHz
Ccb
Collector-Base Capacitance
VCB = -5.0V, IE = 0, f = 100KHz
4.0
pF
hfe
Small-Signal Current Gain
IC = -1.0mA, VCE = -5.0V,
f = 1.0KHz
5086
5087
150
250
600
900
NF
Noise Figure
IC = -100µA, VCE = -5.0V
RS = 3.0kΩ, f = 1.0KHz
IC = -20µA, VCE = -5.0V
RS = 10kΩ
f = 10Hz to 15.7KHz
5086
5087
5086
5087
3.0
2.0
3.0
2.0
dB
dB
dB
dB
2N5086/2N5087/MMBT5087
PNP General Purpose Amplifier
• This device is designed for low level, high gain, low
noise general purpose amplifier applications at
collector currents to 50mA.
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
Mark: 2Q
TO-92
1
1. Emitter 2. Base 3. Collector


Numéro de pièce similaire - 2N5086

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
2N5086 SAMSUNG-2N5086 Datasheet
77Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2N5086 MICRO-ELECTRONICS-2N5086 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
2N5086 FAIRCHILD-2N5086 Datasheet
100Kb / 9P
   PNP General Purpose Amplifier
logo
Central Semiconductor C...
2N5086 CENTRAL-2N5086 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
New Jersey Semi-Conduct...
2N5086 NJSEMI-2N5086 Datasheet
89Kb / 1P
   SI PNP LO-PWR BJT
More results

Description similaire - 2N5086

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com