Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7610BBCZ-P-RL Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7610BBCZ-P-RL
Description  Low Power, 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ-P-RL Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7610BBCZ-P-RL Datasheet HTML 4Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 5Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 6Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 7Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 8Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 9Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 10Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 11Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADV7610
Data Sheet
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
J
H
K
1
3
4
5
8
9
10
2
6
7
HPA_A/
INT2
DDCA_SCL
PVDD
XTALN
MCLK/
INT2
SCLK/
INT2
DVDD
RXA_5V
XTALP
INT1
TVDD
DDCA_SDA
CEC
CS
SCL
LRCLK
DVDD
TVDD
RESET
SDA
RXA_C+
I2S3
I2S1
RXA_C–
RXA_0+
GND
GND
I2S2
I2S0
RXA_0–
GND
DVDD
RXA_1+
GND
VS/
FIELD/
ALSB
DE
RXA_1–
DVDD
RXA_2+
GND
HS
P0
RXA_2–
DVDDIO
CVDD
GND
GND
P1
P2
CVDD
GND
DVDDIO
P23
P3
P4
P22
P21
P16
P15
P13
P7
P5
DVDDIO
P18
P11
P9
P20
P17
LLC
P14
P8
P6
DVDDIO
P19
P12
P10
Figure 6. Pin Configuration
Table 4. Pin Function Descriptions
Ball No.
Mnemonic
Type
Description
D4, D5, D6, E4, F4,
G4, G5, G6
GND
Ground
Ground.
A1
HPA_A/INT2
Miscellaneous digital
A dual function pin that can be configured to output a Hot Plug assert signal
(for HDMI Port A) or an Interrupt 2 signal.
G1, G2
CVDD
Power
HDMI Analog Block Supply Voltage (1.8 V).
B1, B2
TVDD
Power
Terminator Supply Voltage (3.3 V).
F7, G7, J10, K10
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
A10, B10, D7, E7
DVDD
Power
Digital Core Supply Voltage (1.8 V).
A4
PVDD
Power
PLL Supply Voltage (1.8 V).
C2
RXA_C−
HDMI input
Digital Input Clock Complement of Port A in the HDMI Interface.
C1
RXA_C+
HDMI input
Digital Input Clock True of Port A in the HDMI Interface.
D2
RXA_0−
HDMI input
Digital Input Channel 0 Complement of Port A in the HDMI Interface.
D1
RXA_0+
HDMI input
Digital Input Channel 0 True of Port A in the HDMI Interface.
E2
RXA_1−
HDMI input
Digital Input Channel 1 Complement of Port A in the HDMI Interface.
E1
RXA_1+
HDMI input
Digital Input Channel 1 True of Port A in the HDMI Interface.
F2
RXA_2−
HDMI input
Digital Input Channel 2 Complement of Port A in the HDMI Interface.
F1
RXA_2+
HDMI input
Digital Input Channel 2 True of Port A in the HDMI Interface.


Numéro de pièce similaire - ADV7610BBCZ-P-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
More results

Description similaire - ADV7610BBCZ-P-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com