Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7610BBCZ-P Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7610BBCZ-P
Description  Low Power, 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ-P Fiches technique(HTML) 5 Page - Analog Devices

  ADV7610BBCZ-P Datasheet HTML 1Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 2Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 3Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 4Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 5Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 6Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 7Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 8Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 5 of 16
DATA AND I2C TIMING CHARACTERISTICS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK AND CRYSTAL
Crystal Frequency, XTALP
28.63636
MHz
Crystal Frequency Stability
±50
ppm
LLC Frequency Range1
13.5
165
MHz
I2C PORTS
SCL Frequency
400
kHz
SCL Minimum Pulse Width High2
t1
600
ns
SCL Minimum Pulse Width Low2
t2
1.3
µs
Start Condition Hold Time2
t3
600
ns
Start Condition Setup Time2
t4
600
ns
SDA Setup Time2
t5
100
ns
SCL and SDA Rise Time2
t6
300
ns
SCL and SDA Fall Time2
t7
300
ns
Stop Condition Setup Time2
t8
0.6
µs
RESET FEATURE
RESET Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark:Space Ratio2
t9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS3
Data Output Transition Time2, 4
t11
End of valid data to negative clock edge
1.0
2.2
ns
t12
Negative clock edge to start of valid data
0.0
0.3
ns
I2S PORT, MASTER MODE
SCLK Mark:Space Ratio2
t15:t16
45:55
55:45
% duty cycle
LRCLK Data Transition Time2
t17
End of valid data to negative SCLK edge
10
ns
LRCLK Data Transition Time2
t18
Negative SCLK edge to start of valid data
10
ns
I2S Data Transition Time2
t19
End of valid data to negative SCLK edge
5
ns
I2S Data Transition Time2
t20
Negative SCLK edge to start of valid data
5
ns
1
Maximum LLC frequency is limited by the clock frequency of UXGA 60 Hz at eight bits.
2
Data guaranteed by characterization.
3
With the DLL block on the output clock bypassed.
4
DLL bypassed on the clock path.


Numéro de pièce similaire - ADV7610BBCZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
More results

Description similaire - ADV7610BBCZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com