Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7610BBCZ-RL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7610BBCZ-RL
Description  Low Power, 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ-RL Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7610BBCZ-RL Datasheet HTML 7Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 8Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 9Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 10Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 11Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 12Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 13Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 14Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 11 of 16
FUNCTIONAL OVERVIEW
HDMI RECEIVER
The receiver supports all mandatory and many optional 3D
formats. It supports HDTV formats up to UXGA at eight bits.
The HDMI-compatible receiver on the ADV7610 incorporates
programmable equalization of the HDMI data signals. This
equalization compensates for the high frequency losses inherent
in HDMI and DVI cabling, especially at longer lengths and higher
frequencies. It is capable of equalizing for cable lengths of up to
30 meters to achieve robust receiver performance.
With the inclusion of HDCP, displays can receive encrypted
video content. The HDMI interface of the ADV7610 allows for
authentication of a video receiver, decryption of encoded data at
the receiver, and renewability of that authentication during
transmission, as specified by the HDCP 1.4 protocol.
The ADV7610 has a synchronization regeneration block to
regenerate the DE based on the measurement of the video
format being displayed and to filter the horizontal and vertical
synchronization signals to prevent glitches. The HDMI receiver
also supports TERC4 error detection for detection of corrupted
HDMI packets following a cable disconnect.
The HDMI receiver contains an audio mute controller that can
detect a variety of conditions that may result in audible extraneous
noise in the audio output. On detection of these conditions, the
audio signal can be ramped to prevent audio clicks or pops.
Audio output can be formatted to LPCM and IEC 61937.
The HDMI receiver features include:
162.5 MHz (UXGA at eight bits) maximum TMDS clock
frequency
3D format support defined in the HDMI specification
Integrated equalizer for cable lengths of up to 30 meters
HDCP 1.4
Internal HDCP keys
PCM audio packet support
TDM I2S audio packet support
Repeater support
Internal EDID RAM
Hot Plug assert output pin for an HDMI port
CEC controller
COMPONENT PROCESSOR (CP)
The ADV7610 has an any-to-any 3 × 3 CSC matrix. The CSC
block is placed in the output section of the component processor.
The CSC enables YPrPb-to-RGB and RGB-to-YCrCb conversions.
Many other standards of colorspace can be implemented using
the colorspace converter.
CP features include:
525i, 625i, 525p, 625p, 720p, 1080i, 1080p, and other formats
Manual adjustments including gain (contrast) and offset
(brightness), hue, and saturation
Free run output mode that provides stable timing when no
video input is present
162.5 MHz processing rate
Contrast, brightness, hue, and saturation controls
Standard identification enabled by STDI block
RGB that can be color space converted to YCrCb and
decimated to a 4:2:2 format for videocentric back-end IC
interfacing
DE output signal supplied for direct connection to an
HDMI/DVI transmitter
OTHER FEATURES
The ADV7610 has HS, VS, FIELD, and DE output signals with
programmable position, polarity, and width.
The ADV7610 has programmable interrupt request output pins,
including INT1 and INT2 (INT2 is accessible only via one of
following pins: MCLK/INT2, SCLK/INT2, or HPA_A/INT2).
It also features a low power-down mode. The I2C address of the
main map is 0x98 after reset. This can be changed after reset to
0x9A if pull-up is attached to the VS/FIELD/ALSB pin and the
I2C command SAMPLE_ALSB is issued.
The ADV7610 is provided in a 6 mm × 6 mm, RoHS-compliant
BGA package and is specified over the −40°C to +85°C
temperature range.
For more detailed product information about the ADV7610,
contact the local Analog Devices, Inc., sales office.


Numéro de pièce similaire - ADV7610BBCZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
More results

Description similaire - ADV7610BBCZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com