Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7610BBCZ-RL Fiches technique(PDF) 9 Page - Analog Devices |
|
ADV7610BBCZ-RL Fiches technique(HTML) 9 Page - Analog Devices |
9 / 16 page Data Sheet ADV7610 Rev. 0 | Page 9 of 16 Ball No. Mnemonic Type Description H1 P23 Digital video output Video Pixel Output Port. H2 P22 Digital video output Video Pixel Output Port. J1 P21 Digital video output Video Pixel Output Port. K1 P20 Digital video output Video Pixel Output Port. K2 P19 Digital video output Video Pixel Output Port. J2 P18 Digital video output Video Pixel Output Port. K3 P17 Digital video output Video Pixel Output Port. J3 P16 Digital video output Video Pixel Output Port. K4 LLC Digital video output Line Locked Output Clock for the Pixel Data the Range is 13.5 MHz to 162.5 MHz. J4 P15 Digital video output Video Pixel Output Port. K5 P14 Digital video output Video Pixel Output Port. J5 P13 Digital video output Video Pixel Output Port. K6 P12 Digital video output Video Pixel Output Port. J6 P11 Digital video output Video Pixel Output Port. K7 P10 Digital video output Video Pixel Output Port. J7 P9 Digital video output Video Pixel Output Port. K8 P8 Digital video output Video Pixel Output Port. J8 P7 Digital video output Video Pixel Output Port. K9 P6 Digital video output Video Pixel Output Port. J9 P5 Digital video output Video Pixel Output Port. H10 P4 Digital video output Video Pixel Output Port. H9 P3 Digital video output Video Pixel Output Port. G10 P2 Digital video output Video Pixel Output Port. G9 P1 Digital video output Video Pixel Output Port. F10 P0 Digital video output Video Pixel Output Port. E10 DE Miscellaneous digital Data Enable. DE is a signal that indicates active pixel data. F9 HS Digital video output Horizontal Synchronization Output Signal. E9 VS/FIELD/ALSB Digital input/output Vertical Synchronization Output Signal. Field Synchronization Output Signal in All Interlaced Video Modes. VS or FIELD can be configured for this pin. The ALSB allows selection of the I2C address. D10, C10, D9, C9 I2S0 to I2S3 Miscellaneous digital Audio Output Pins. These pins can be configured to output S/PDIF digital audio (S/PDIF) or I2S. A9 SCLK/INT2 Miscellaneous digital A dual function pin that can be configured to output an audio serial clock or an Interrupt 2 signal. B9 LRCLK Miscellaneous digital Audio Left/Right Clock. A8 MCLK/INT2 Miscellaneous digital A dual function pin that can be configured to output an audio master clock or an Interrupt 2 signal. B8 SCL Miscellaneous digital I2C Port Serial Clock Input. SCL is the clock line for the control port. B7 SDA Miscellaneous digital I2C Port Serial Data Input/Output Pin. SDA is the data line for the control port. A7 INT1 Miscellaneous digital Interrupt 1. This pin can be active low or active high. When status bits change, this pin is triggered. The events that trigger an interrupt are under user configuration. B6 RESET Miscellaneous digital System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to reset the ADV7610 circuitry. A6 XTALP Miscellaneous analog Input Pin for 28.63636 MHz Crystal or an External 1.8 V, 28.63636 MHz Clock Oscillator Source to Clock the ADV7610. A5 XTALN Miscellaneous analog Crystal Input. Input pin for 28.63636 MHz crystal. B4 CEC Digital input/output Consumer Electronic Control Channel. B5 CS Miscellaneous digital Chip Select (Bar). Pulling this line high causes the I2C state machine to ignore the I2C transmission. A3 DDCA_SCL HDMI input HDCP Slave Serial Clock Port A. DDCA_SCL is a 3.3 V input that is 5 V tolerant. B3 DDCA_SDA HDMI input HDCP Slave Serial Data Port A. DDCA_SDA is a 3.3 V input that is 5 V tolerant. A2 RXA_5V HDMI input 5 V Detect Pin for Port A in the HDMI Interface. |
Numéro de pièce similaire - ADV7610BBCZ-RL |
|
Description similaire - ADV7610BBCZ-RL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |