Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7610BBCZ-RL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7610BBCZ-RL
Description  Low Power, 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ-RL Fiches technique(HTML) 4 Page - Analog Devices

  ADV7610BBCZ-RL Datasheet HTML 1Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 2Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 3Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 4Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 5Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 6Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 7Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 8Page - Analog Devices ADV7610BBCZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADV7610
Data Sheet
Rev. 0 | Page 4 of 16
SPECIFICATIONS
DVDD = 1.71 V to 1.89 V, DVDDIO = 3.14 V to 3.46 V, PVDD = 1.71 V to 1.89 V, TVDD = 3.14 V to 3.46 V, CVDD = 1.71 V to 1.89 V,
TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS1
Input High Voltage
VIH
XTALN and XTALP
1.2
V
VIH
Other digital inputs
2
V
Input Low Voltage
VIL
XTALN and XTALP
0.4
V
VIL
Other digital inputs
0.8
V
Input Current
IIN
RESET pin
±45
±60
µA
Other digital inputs
±10
µA
Input Capacitance
CIN
10
pF
DIGITAL INPUTS (5 V TOLERANT)1, 2
Input High Voltage
VIH
2.6
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
−82
+82
µA
DIGITAL OUTPUTS1
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.4
V
High Impedance Leakage Current
ILEAK
VS/FIELD/ALSB pin
±35
±60
µA
HPA_A/INT2 pin
±82
µA
Other
10
µA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS3
Digital Core Power Supply
DVDD
1.71
1.8
1.89
V
Digital I/O Power Supply
DVDDIO
3.14
3.3
3.46
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
Terminator Power Supply
TVDD
3.14
3.3
3.46
V
Comparator Power Supply
CVDD
1.71
1.8
1.89
V
Digital Core Supply Current
IDVDD
UXGA 60 Hz at eight bits
95.7
188.1
mA
Digital I/O Supply Current
IDVDDIO
UXGA 60 Hz at eight bits
12.9
178.5
mA
PLL Supply Current
IPVDD
UXGA 60 Hz at eight bits
30.7
36.9
mA
Terminator Supply Current
ITVDD
UXGA 60 Hz at eight bits
50.9
57.6
mA
Comparator Supply Current
ICVDD
UXGA 60 Hz at eight bits
95.8
114.4
mA
POWER-DOWN CURRENTS4
Digital Core Supply Current
IDVDD_PD
Power-Down Mode 1
0.2
0.5
mA
Digital I/O Supply Current
IDVDDIO_PD
Power-Down Mode 1
1.3
1.7
mA
PLL Supply Current
IPVDD_PD
Power-Down Mode 1
1.5
1.8
mA
Terminator Supply Current
ITVDD_PD
Power-Down Mode 1
0.1
0.3
mA
Comparator Supply Current
ICVDD_PD
Power-Down Mode 1
1.3
1.7
mA
Power-Up Time
tPWRUP
25
ms
1
Data guaranteed by characterization.
2
The following pins are 5 V tolerant: DDCA_SCL, DDCA_SDA, and RXA_5V.
3
Maximum current consumption values are recorded with maximum rated voltage supply levels, Moire X video pattern, and at maximum rated temperature.
4
Power-Down Mode 0 (I/O map, Register 0x0C = 0x62), ring oscillator powered down (HDMI map, Register 0x48 = 0x01), and DDC pads off (HDMI map, Register 0x73 = 0x01).


Numéro de pièce similaire - ADV7610BBCZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
More results

Description similaire - ADV7610BBCZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com