Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5697R Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5697R
Description  Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5697R Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5697R Datasheet HTML 6Page - Analog Devices AD5697R Datasheet HTML 7Page - Analog Devices AD5697R Datasheet HTML 8Page - Analog Devices AD5697R Datasheet HTML 9Page - Analog Devices AD5697R Datasheet HTML 10Page - Analog Devices AD5697R Datasheet HTML 11Page - Analog Devices AD5697R Datasheet HTML 12Page - Analog Devices AD5697R Datasheet HTML 13Page - Analog Devices AD5697R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5697R
Data Sheet
Rev. 0 | Page 10 of 28
Figure 11. Internal Reference Voltage vs. Supply Voltage
Figure 12. Integral Nonlinearity (INL) vs. Code
Figure 13. Differential Nonlinearity (DNL) vs. Code
Figure 14. INL Error and DNL Error vs. Temperature
Figure 15. INL Error and DNL Error vs. VREF
Figure 16. INL Error and DNL Error vs. Supply Voltage
2.5002
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
D1
D3
D2
TA = 25°C
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
INL
DNL
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V


Numéro de pièce similaire - AD5697R

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5697R AD-AD5697R Datasheet
904Kb / 27P
   Dual, 12-Bit nanoDAC
AD5697RBCPZ-RL7 AD-AD5697RBCPZ-RL7 Datasheet
904Kb / 27P
   Dual, 12-Bit nanoDAC
AD5697RBRUZ AD-AD5697RBRUZ Datasheet
904Kb / 27P
   Dual, 12-Bit nanoDAC
AD5697RBRUZ-RL7 AD-AD5697RBRUZ-RL7 Datasheet
904Kb / 27P
   Dual, 12-Bit nanoDAC
AD5697R AD-AD5697R_16 Datasheet
904Kb / 27P
   Dual, 12-Bit nanoDAC
More results

Description similaire - AD5697R

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com