Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSHCR-7-D Fiches technique(PDF) 1 Page - Major League Electronics

No de pièce TSHCR-7-D
Description  .0394 cl Dual Row - Right Angle Terminal Strip Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAJOR-LEAGUE [Major League Electronics]
Site Internet  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TSHCR-7-D Fiches technique(HTML) 1 Page - Major League Electronics

  TSHCR-7-D Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.0394 cl Dual Row - Right Angle
Terminal Strip Header
TSHCR-7-D SERIES
18 NOV 10
Major League Electronics .0394 cl Terminal Strip Header - Right Angle
.091
[2.30]
.0394
[1.00]
Ø.020
[Ø0.50]
.0394
[1.00]
Tail
.083
[2.10]
.047
[1.20]
.0394
[1.00]
.0394
[1.00]
Post
.0394(1.00) x No. of Positions
.0394(1.00) x No of Spaces
.012 Sq.
[0.30]
Recommended P.C. Board Layout
.0394
[1.00]
Post Height: Min = .096 [2.44] Max = .296 [7.52]
Ordering Information
TSHCR-7
Row Specification
D = Dual Row
Pins Per Row
XX
D
02-40
XXX
02
T
F
- Gold Flash over entire Pin
- Matte Tin over entire pin
Plating Options
XXX
Polarized Position
Leave blank if not needed
If required, specify empty pin position,
e.g. 012 for Pin 12
LF
Lead Free
Desired Post Height
Please specify
e.g. .200[5.08] = 200
Tail Length
02 = .075 [1.90]
XX
XX
Packing Information
B = Bulk
TB = Tube
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specification
Electrical:
Rated Current: 1.0AMP
Contact Resistance: 20mΩ max
Withstand Voltage: 300V AC
Insulation Resistance: 1000MΩ min
Operation Temperature: -40°C to +105°C
Max. Process Temperature
Wave Solder: Solder Temp 260 ±5°C
Immersion period: 5 ±5 secs.
Reflow Solder: Pre-Heat Temp: 100~150°C for 60 secs max.
Temperature: min. 210°C for 30 secs max.
Peak Temperature: 260 ±5°C, 10 ±5 secs.
Manual Solder: 245 ±3°C 3~5 secs.
Material:
Contact Material: Phosphor Bronze
Insulator Material: LCP, UL94V-0
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
LSMSS-7


Numéro de pièce similaire - TSHCR-7-D

FabricantNo de pièceFiches techniqueDescription
logo
Major League Electronic...
TSHCR-7-S MAJOR-LEAGUE-TSHCR-7-S Datasheet
91Kb / 1P
   .0394 cl Dual Row - Right Angle Terminal Strip Header
More results

Description similaire - TSHCR-7-D

FabricantNo de pièceFiches techniqueDescription
logo
Major League Electronic...
TSHCR-7-S MAJOR-LEAGUE-TSHCR-7-S Datasheet
91Kb / 1P
   .0394 cl Dual Row - Right Angle Terminal Strip Header
TSHS-7-D MAJOR-LEAGUE-TSHS-7-D Datasheet
123Kb / 2P
   .0394 cl Dual Row - Straight Terminal Strip Header
TSHC-7-S MAJOR-LEAGUE-TSHC-7-S Datasheet
125Kb / 2P
   .0394 cl Single Row - Straight Terminal Strip Header
TSHR-6-D MAJOR-LEAGUE-TSHR-6-D Datasheet
223Kb / 1P
   .050x.100 cl Dual Row - Right Angle Terminal Strip Header
LTSHR-1-D MAJOR-LEAGUE-LTSHR-1-D Datasheet
259Kb / 1P
   .100 cl Dual Row - Right Angle Low Profile Terminal Strip Header
TSHR-6-S MAJOR-LEAGUE-TSHR-6-S Datasheet
221Kb / 1P
   .050 cl Single Row - Right Angle Terminal Strip Header
SHTSHR-2 MAJOR-LEAGUE-SHTSHR-2 Datasheet
57Kb / 2P
   .079" cl Shrouded Terminal Strip Header Right Angle
BSTC-7-D MAJOR-LEAGUE-BSTC-7-D Datasheet
121Kb / 2P
   .0394 cl Dual Row - Straight Board Stacker Terminal Strips
TSHR-5-D MAJOR-LEAGUE-TSHR-5-D Datasheet
211Kb / 1P
   .050x.050 cl Dual Row - Right Angle Terminal Strip Headers
LTSHR-1-S MAJOR-LEAGUE-LTSHR-1-S Datasheet
262Kb / 1P
   .100 cl Single Row - Right Angle Low Profile Terminal Strip Header
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com