Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD120R-AAB-NOR Datasheet(Fiches technique) 1 Page - Sparkle Power Inc.

Numéro de pièce AD120R-AAB-NOR
Description  120 Watts Power Adapter High efficiency and reliability
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SPI [Sparkle Power Inc.]
Site Internet  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

AD120R-AAB-NOR Datasheet(HTML) 1 Page - Sparkle Power Inc.

  AD120R-AAB-NOR Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
Temperature Range: Operating: 0°C ~ +40°C
Humidity: 80% on operating, 90% on storage
Average Efficiency: Efficiency Level V & ErP Teir 2
No Load Power Consumption: Less than 0.5W
Dimensions (LxWxH): 167x65x37mm
/6.57x2.56x1.46inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD120R-AAB-NOR
19V
6.32A
Barrel 180 ̊
2.5x5.5x11
1800
FSP120-AAB
(Efficiency Level V, RoHS Compliant)
120 Watts Power Adapter
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
High efficiency and reliability
Low noise and ripple
Output over voltage, short circuit, and over current
protection
Complies with FCC part 15, and CISPR 22 class B
Approved by CUL/UL60950-1
2nd TUV EN60950-1 2nd, CB
60950-1
2nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn