Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2-1193344-8 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce 2-1193344-8
Description  FOUR CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1193344-8 Fiches technique(HTML) 1 Page - Tyco Electronics

  2-1193344-8 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1
/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 1
The TE logo, Tyco Electronics and Raychem are trademarks.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2006-2009 Tyco Electronics Corporation. All rights reserved.
COMPONENT WIRES - 55A0111
NOTE: Nominal values are for information only.
Nominal values are not requirements.
SPECIFICATION CONTROL DRAWING
55A0141
FOUR CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
8-26-09
D
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
TITLE
Date
Revision
CABLE CONSTRUCTION DETAILS
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
OUTSIDE DIAMETER
(inches)
MAXIMUM
WEIGHT
(lbs/1000 ft.)
NOMINAL
MAXIMUM
55A0141-30-*
30
.058
.071
2.7
55A0141-28-*
28
.065
.079
3.7
55A0141-26-*
26
.077
.093
5.7
55A0141-24-*
24
.090
.106
8.2
55A0141-22-*
22
.104
.123
11.4
55A0141-20-*
20
.121
.142
17.5
55A0141-18-*
18
.145
.169
26.5
55A0141-16-*
16
.165
.191
33.9
55A0141-14-*
14
.206
.240
53.0
55A0141-12-*
12
.249
.289
80.4
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TEMPERATURE RATING: 150°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
INSULATION FLAWS:
Spark Test, 5.7 kV (rms) at 3 kHz
Impulse Dielectric Test, 8.0 kV (peak)
PART NUMBER:
The “*” in the part numbers above shall be replaced by color
code designators with a slash separating the component wire
colors. Colors shown do not necessarily reflect the sequence
of manufacturing.
1
/ Example: AWG 22, black, brown, red and orange
component wires: 55A0141-22-0/1/2/3


Numéro de pièce similaire - 2-1193344-8

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1193334-9 MACOM-2-1193334-9 Datasheet
111Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED STRANDED WIRES
More results

Description similaire - 2-1193344-8

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1192804-7 MACOM-2-1192804-7 Datasheet
37Kb / 1P
   FOUR CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
002679-000 MACOM-002679-000 Datasheet
124Kb / 1P
   THREE CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192392-3 MACOM-2-1192392-3 Datasheet
34Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192871-8 MACOM-2-1192871-8 Datasheet
35Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192898-9 MACOM-2-1192898-9 Datasheet
35Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192395-7 MACOM-2-1192395-7 Datasheet
34Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJAKETED, GENERAL PURPOSE, 600 VOLT
2-1195893-4 MACOM-2-1195893-4 Datasheet
116Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
023781-000 MACOM-023781-000 Datasheet
44Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1195380-2 MACOM-2-1195380-2 Datasheet
130Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
020587-000 MACOM-020587-000 Datasheet
44Kb / 1P
   FOUR CONDUCTIOR CABLE SHIELDED JACKETED GENERAL PURPOSE . 600 VOLT
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com