Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1005IJ5TP Fiches technique(PDF) 5 Page - Touchstone Semiconductor Inc

No de pièce TS1005IJ5TP
Description  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005IJ5TP Fiches technique(HTML) 5 Page - Touchstone Semiconductor Inc

  TS1005IJ5TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS1005
TS1005DS r1p0
Page 5
RTFDS
-40
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Output Voltage High (VOH) vs Temperature, RLOAD =100kΩ
TEMPERATURE - °C
Output Voltage Low (VOL) vs Temperature, RLOAD =100kΩ
TEMPERATURE - °C
Output Voltage High (VOH) vs Temperature, RLOAD =10kΩ
Output Voltage Low (VOL) vs Temperature, RLOAD =10kΩ
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
VDD = 5.5V
VDD =1.8V
0
0.6
1.2
1.8
0
1.1
3.3
4.5
5.5
2.2
6
-6
-4
4
6
2
-6
-2
0
RL = 100kΩ
VDD = 1.8V
VDD = 5.5V
RL = 100kΩ
VDD = 1.8V
VDD = 5.5V
11
2
5
8
4.75
0.75
1.75
2.75
+25
+85
-40
+25
+85
80
20
50
110
TEMPERATURE - °C
TEMPERATURE - °C
-40
+25
+85
-40
+25
+85
RL = 10kΩ
VDD = 1.8V
VDD = 5.5V
RL = 10kΩ
VDD = 1.8V
VDD = 5.5V
40
20
10
30
50
0
3.75
2
-2
TA = +25°C
TA = +85°C
4
-4
TA = +25°C
TA = +85°C


Numéro de pièce similaire - TS1005IJ5TP

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1005IJ5T SILABS-TS1005IJ5T Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results

Description similaire - TS1005IJ5TP

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com