Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ARF440 Fiches technique(PDF) 4 Page - Advanced Power Technology

No de pièce ARF440
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF440 Fiches technique(HTML) 4 Page - Advanced Power Technology

  ARF440 Datasheet HTML 1Page - Advanced Power Technology ARF440 Datasheet HTML 2Page - Advanced Power Technology ARF440 Datasheet HTML 3Page - Advanced Power Technology ARF440 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Dimensions in Millimeters and (Inches)
ARF44O
SOURCE
GATE
DRAIN
3.55 (.138)
3.81 (.150)
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.55 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
SOURCE
DRAIN
GATE
Dimensions in Millimeters and (Inches)
ARF44E
5.45 (.215) BSC
2-Plcs.
5.45 (.215) BSC
2-Plcs.
ARF440/441
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
TO-247AD Package Outline
NOTE: The ARF440 and ARF441 comprise a symmetric pair of RF power transistors and
meet the same electrical specifications. The device pin-outs are the mirror image of each
other to allow ease of use as a push-pull pair.
ARF441
ARF440
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388 -0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15 FAX: (33) 5 56 47 97 61


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRF230 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET 1  2  Seme LAB
ARF442 N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET 1  2  3  4  Advanced Power Technology
RF1K49088 3.5A 30V Avalanche Rated Logic Level Dual N-Channel LittleFET™ Enhancement Mode Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
VFT150-50 VHF POWER MOSFET N-Channel Enhancement Mode 1  Advanced Semiconductor
MSAEZ33N20A N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  Microsemi Corporation
MRF172 VHF POWER MOSFET N-Channel Enhancement Mode 1  Advanced Semiconductor
AF1332N N-Channel Enhancement Mode Power MOSFET 1  2  3  4  5  Anachip Corp
TSM1N60 N-Channel Power Enhancement Mode MOSFET 1  2  3  4  Taiwan Semiconductor Company, Ltd
AF60N03 N-Channel Enhancement Mode Power MOSFET 1  2  3  4  5  Anachip Corp
AP01N60P N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  Advanced Power Electronics Corp.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn