Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZF-60S12 Fiches technique(PDF) 3 Page - Minmax Technology Co., Ltd.

No de pièce AZF-60S12
Description  AC/DC Power Module 60W Fully encapsulated Plastic Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S12 Fiches technique(HTML) 3 Page - Minmax Technology Co., Ltd.

  AZF-60S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZF-60 SERIES
AC/DC POWER MODULE 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/25 REV:11 Page 3 of 4
Package Specifications PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Function
1
AC(N) –AC Neutral
2
AC(L) –AC Line
4
+Vout
6
-Vout
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Characteristics
Case Size
: 88.9x67.5x34.2mm (3.50x2.66x1.35 inches)
Case Material
: Plastic resin + Fiberglass (flammability to UL94V-0 rated)
Pin Material
: CopperAlloy with Gold Plate Over Nickel Subplate
Weight
: 345g
Package Specifications Chassis Mounting (ordercodesuffixC)
Mechanical Dimensions
Connections
Terminal
Function
1
AC(N) –AC Neutral
2
AC(L) –AC Line
3
NC
4
+Vout
5
NC
6
-Vout
7
NC
NC: No Connection
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Physical Characteristics
Case Size
: 112.0x67.8x38.0mm (4.41x2.67x1.50 inches)
Case Material
: Plastic resin + Fiberglass (flammability to UL94V-0 rated)
Weight
: 357g
4
6
1
2
Bottom View
25.4 [1.00]
28.75
[1.13]
55.88 [2.20]
67.5 [2.66]
34.2 [1.35]
6.0 [0.24]
0.7 [0.03]
Mounting M4.0 Thread
Top View
1
2
3
4
5
6
7
4x 3.5
100.0 [3.94]
112.0 [4.41]
90.0 [3.54]
11.0 [0.43]
Indication LED
POWER
"GOOD"INDICATOR
DC-
ON


Numéro de pièce similaire - AZF-60S12

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
AZF-60S12 MINMAX-AZF-60S12 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S12 MINMAX-AZF-60S12 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S12 MINMAX-AZF-60S12 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
More results

Description similaire - AZF-60S12

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AQF-30 MINMAX-AQF-30_12 Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
AHF-10 MINMAX-AHF-10_11 Datasheet
251Kb / 3P
   AC/DC Power Module 10W Fully encapsulated Plastic Case
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com