Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJW25-48S033 Fiches technique(PDF) 9 Page - Minmax Technology Co., Ltd.

No de pièce MJW25-48S033
Description  DC/DC CONVERTER 25W, Highest Power Density 1
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJW25-48S033 Fiches technique(HTML) 9 Page - Minmax Technology Co., Ltd.

Back Button MJW25-48S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJW25-48S033 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4
Page 9 of 10
®
EMI-Filter to meet EN 55022, class A, class B; FCC part 15 ,level A
Conducted and radiated emissions EN55022 Class A, Class B
Class
Model
C1
C2
C3
C4&C5
L1
MJW25-12XXX
None
3.3μF/25V 1210 MLCC
None
None
1μH
MJW25-24XXX
None
3.3μF/50V 1210 MLCC
None
None
2.2μH
Class A
MJW25-48XXX
None
3.3μF/100V 1210 MLCC
None
None
4.7μH
MJW25-12XXX
3.3μF/25V 1210 MLCC
3.3μF/25V 1210 MLCC
3.3μF/25V 1210 MLCC
1800 pF/2KV 1206 MLCC
1μH
MJW25-24XXX
3.3μF/50V 1210 MLCC
3.3μF/50V 1210 MLCC
3.3μF/50V 1210 MLCC
1800 pF/2KV 1206 MLCC
2.2μH
Class B
MJW25-48XXX
3.3μF/100V 1210 MLCC
3.3μF/100V 1210 MLCC
3.3μF/100V 1210 MLCC
1800 pF/2KV 1206 MLCC
4.7μH


Numéro de pièce similaire - MJW25-48S033

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
MJW25-48S033 TOTAL-POWER-MJW25-48S033 Datasheet
539Kb / 10P
   Highest Power Density
More results

Description similaire - MJW25-48S033

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com